Part Number Hot Search : 
D106X 2045C AD234AR 1N3006 SMART C7812CT TC9297 2SK15
Product Description
Full Text Search
 

To Download DF1510M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
DF15005M THRU DF1510M
FEATURES
* * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.5 Ampere
high forward surge current capability Glass passivated chip junction High case dielectric strength High temperature soldering guaranteed: 260OC / 10 seconds
MECHANICAL DATA
* * * * *
Case: Transfer molded plastic Terminal: Lead solderable per MIL-STD-750 method 2026 Polarity: Polarity symbols marked on case Mounting: any Weight: 0.04 ounce, 1.0 gram
DFM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
DF DF DF DF DF DF DF 15005M 1501M 1502M 1504M 1506M 1508M 1510M
UNIT
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, 0.06" (1.5mm) lead length at TA = 40OC (Note 1) Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t<8.3mS) Maximum Instantaneous Forward Voltage drop per Bridge element 1.5A Maximum DC Reverse Current at Rated TA = 25 OC DC Blocking Voltage per element TA = 125 C
O
VRRM VRMS VDC I(AV) IFSM I2t VF IR CJ RJC TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50 10 1.1 10 0.5 25
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps A2s Volts A mA pF
O
Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
40 (-55 to +150) (-55 to +150)
C/W O C O C
Notes:
1. Unit mounted on PCB with 0.51" X 0.51" (13mm X 13mm) copper pads
Sep-03, Rev A
Micro Electronic Instrument Inc.
RATINGS AND CHARACTERISTIC CURVES DF15005M THRU DF1510M
Sep-03, Rev A
Micro Electronic Instrument Inc.


▲Up To Search▲   

 
Price & Availability of DF1510M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X